PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC2054 TC2055 TC2186 TC2055-2.85VCTTR TC2055-2.7VC |
1.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.07 V DROPOUT, PDSO5 50mA / 100mA / and 150mA CMOS LDOs with Shutdown and Error Output 50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ... 2.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
ILC7082AIM5-30 ILC7082AIM5ADJX ILC7082 ILC7082ADJ |
0.15A Low Dropout Voltage Regulator 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 4.7 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CMPWR163-3 CMPWR163-33 CMPWR163MA |
Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
|
CALMIRCO California Micro Devices Corp
|
TC1185 TC1015 TC1014 TC1015-2.6VCT713 TC1185-2.6VC |
The TC1014, TC1015, and TC1185 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the devices’ CMOS construction e The TC1014, TC1015, and TC1185 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout regulators ... 50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass 50mA 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
|
MICROCHIP[Microchip Technology]
|
AME8830AEEV285Z AME8830 AME8830AEEV285Y |
Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
PAM3102 |
Dual 150mA High PSRR Low-Dropout CMOS Regulator
|
Power Analog Micoelectronics
|
LT1521CST-3TR LT1521CMS8-3TRPBF LT1521CS8-3TR LT15 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4
|
Linear Dimensions Semic... Linear Dimensions Semiconductor LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
AMC8877-1.8DBT AMC8877-2.5DBT AMC8877-2.8DBT AMC88 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 LOW NOISE 300mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
FX5545G106 |
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 业界最小的122A条超薄DC / DC升压高输出功率密度转换器 Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|